PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
DDA122LU-7-F DDA122TU-7-F DDA142TU-7-F DDA142JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N4854U 2N4854 2N3838 JAN2N3838 JAN2N4854 JAN2N485 |
NPN PNP Complimentary; Package: 6_PIN_Flatpack; 600 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|